Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2100RH Datasheet (PDF) - Intersil Corporation

HS-2100RH Datasheet PDF - Intersil Corporation
Part # HS-2100RH
Download  HS-2100RH Download
File Size   73.92 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened High Frequency Half Bridge Driver

HS-2100RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-2100RH Datasheet PDF - Intersil Corporation

Part # HS-2100RH
Download  HS-2100RH Click to download

File Size   73.92 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened High Frequency Half Bridge Driver

HS-2100RH Datasheet (HTML) - Intersil Corporation


HS-2100RH Product details

Radiation Hardened High Frequency Half Bridge Driver

The Radiation Hardened HS-2100RH is a high frequency, 100V Half Bridge N-Channel MOSFET Driver IC, which is a functional, pin-to-pin replacement for the Intersil HIP2500 and the industry standard 2110 types. The low-side and high-side gate drivers are independently controlled. This gives the user maximum flexibility in dead-time selection and driver protocol.

Features
• Electrically Screened to DESC SMD # 5962-99536
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
    - Maximum Total Dose . . . . . . . . . . . . . .3 x 105 RAD(SI)
    - DI RSG Process Provides Latch-up Immunity
- Vertical Architecture Provides Low Dose Rate Immunity
• Bootstrap Supply Max Voltage to 120V
• Drives 1000pF Load at 1MHz with Rise and Fall Times of 45ns (Typ)
• 1A (Typ) Peak Output Current
• Independent Inputs for Non-Half Bridge Topologies
• Low DC Power Consumption . . . . . . . . . . . . . 60mW (Typ)
• Operates with VDD = VCC Over 12V to 20V Range
• Supply Undervoltage Protection

Applications
• High Frequency Switch-Mode Power Supplies
• Drivers for Inductive Loads
• DC Motor Drivers




Similar Part No. - HS-2100RH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS-2 CRYDOM-HS-2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Renesas Technology Corp
HS-201HSEH RENESAS-HS-201HSEH Datasheet
353Kb / 7P
Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
HS-201HSEH RENESAS-HS-201HSEH Datasheet
366Kb / 7P
Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
May 8, 2024
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 2000
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
239Kb / 4P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
March 24, 2006
More results


Similar Description - HS-2100RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
April 2003
IS-2100AEH INTERSIL-IS-2100AEH Datasheet
114Kb / 2P
Radiation Hardened High Frequency Half Bridge Drivers
August 28, 2012
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com