Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2420RH Datasheet (PDF) - Intersil Corporation

HS-2420RH Datasheet PDF - Intersil Corporation
Part # HS-2420RH
Download  HS-2420RH Download
File Size   122.7 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Fast Sample and Hold

HS-2420RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-2420RH Datasheet PDF - Intersil Corporation

Part # HS-2420RH
Download  HS-2420RH Click to download

File Size   122.7 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Fast Sample and Hold

HS-2420RH Datasheet (HTML) - Intersil Corporation


HS-2420RH Product details

The HS-2420RH is a radiation hardened monolithic circuit consisting of a high performance operational amplifier with its output in series with an ultra-low leakage analog switch and MOSFET input unity gain amplifier.

Features
• Electrically Screened to SMD # 5962-95669
• QML Qualified per MIL-PRF-38535 Requirements
• Maximum Acquisition Time
    - 10V Step to 0.1% . . . . . . . . . . . . . . . . . . . . . . . . . . 4µs
    - 10V Step to 0.01% . . . . . . . . . . . . . . . . . . . . . . . . . 6µs
• Maximum Drift Current . . . . . . . . . . . . . . . . . . . . . . . 10nA (Maximum Over Temperature)
• TTL Compatible Control Input
• Power Supply Rejection . . . . . . . . . . . . . . . . . . . . . ≥ 80dB
• Total Dose . . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
• No Latch-Up

Applications
• Data Acquisition Systems
• D to A Deglitcher
• Auto Zero Systems
• Peak Detector
• Gated Op Amp




Similar Part No. - HS-2420RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2420RH INTERSIL-HS-2420RH Datasheet
255Kb / 8P
Radiation Hardened Fast Sample and Hold
February 2003
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
Radiation Hardened Fast Sample and Hold
February 2003
More results


Similar Description - HS-2420RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5352 INTERSIL-HA5352 Datasheet
133Kb / 5P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
HA5352883 INTERSIL-HA5352883 Datasheet
27Kb / 1P
Fast Acquisition Dual Sample and Hold Amplifier
May 1997
HS-2420RH INTERSIL-HS-2420RH_03 Datasheet
255Kb / 8P
Radiation Hardened Fast Sample and Hold
February 2003
logo
Maxim Integrated Produc...
DS1843 MAXIM-DS1843 Datasheet
479Kb / 8P
Fast Sample-and-Hold Circuit
Rev 0; 5/09
DS1843 MAXIM-DS1843_12 Datasheet
483Kb / 8P
Fast Sample-and-Hold Circuit
Rev 1; 2/12
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
Sample and Hold
logo
Curtis Electromusic.
CEM5510 CES-CEM5510 Datasheet
70Kb / 2P
FAST OCTAL SAMPLE & HOLD
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com