Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2-2620RH-Q Datasheet (PDF) - Intersil Corporation

HS2-2620RH-Q Datasheet PDF - Intersil Corporation
Part # HS2-2620RH-Q
Download  HS2-2620RH-Q Download
File Size   78.11 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers

HS2-2620RH-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2-2620RH-Q Datasheet PDF - Intersil Corporation

Part # HS2-2620RH-Q
Download  HS2-2620RH-Q Click to download

File Size   78.11 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers

HS2-2620RH-Q Datasheet (HTML) - Intersil Corporation


HS2-2620RH-Q Product details

HS-2620RH and HS-2622RH are radiation hardened bipolar operational amplifiers that feature very high input impedance coupled with wideband AC performance. The high resistance of the input stage is complemented by low offset voltage (4mV Max at 25°C for HS-2620RH) and low bias and offset current (15nA Max at 25°C for HS-2620RH) to facilitate accurate signal processing.
Offset voltage can be reduced further by means of an external nulling potentiometer. Closed loop gains greater than 5, the 25V/µs minimum slew rate at 25°C and the 100kV/V minimum open loop gain at 25°C, enables the HS-2620RH to perform high gain amplification of very fast, wideband signals.

Features
• Electrically Screened to SMD # 5962-95688
• QML Qualified per MIL-PRF-38535 Requirements
• High Input Impedance (HS-2620RH) . . . . . . . 65MΩ (Min)
• High Gain (HS-2620RH). . . . . . . . . . . . . . . . 100kV/V (Min) 150kV/V (Typ)
• High Slew Rate (HS-2620RH) . . . . . . . . . . . . . . 25V/µs (Min) 35V/µs (Typ)
• Low Input Bias Current (HS-2620RH) . . . . . . . 15nA (Max) 5nA (Typ)
• Low Input Offset Voltage (HS-2620RH) . . . . . . 4mV (Max)
• Wide Gain Bandwidth Product (AV ≥ 5) . . . . . .100MHz (Typ)
• Output Short Circuit Protection
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 x 104 RAD(Si)

Applications
• Video and RF Amplifiers
• Pulse Amplifiers
• Audio Amplifiers and Filters
• High-Q Active Filters
• High Speed Comparators




Similar Part No. - HS2-2620RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-2520RH-Q INTERSIL-HS2-2520RH-Q Datasheet
77Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
August 1999
HS2-2520RH-Q INTERSIL-HS2-2520RH-Q Datasheet
172Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
July 2001
HS2-2700RH-Q INTERSIL-HS2-2700RH-Q Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
More results


Similar Description - HS2-2620RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
August 1999
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
Radiation Hardened Wideband, High Impedance Operational Amplifier
August 1999
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
January 16, 2006
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
July 2001
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com