Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2700RH Datasheet (PDF) - Intersil Corporation

HS-2700RH Datasheet PDF - Intersil Corporation
Part # HS-2700RH
Download  HS-2700RH Download
File Size   92.85 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, High Performance Radiation Hardened Operational Amplifier

HS-2700RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-2700RH Datasheet PDF - Intersil Corporation

Part # HS-2700RH
Download  HS-2700RH Click to download

File Size   92.85 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, High Performance Radiation Hardened Operational Amplifier

HS-2700RH Datasheet (HTML) - Intersil Corporation


HS-2700RH Product details

HS-2700RH is radiation hardened internally compensated operational amplifiers which employ dielectric isolation to achieve excellent DC and dynamic performance with very low quiescent power consumption.

Features
• Electrically Screened to SMD # 5962-95670
• QML Qualified per MIL-PRF-38535 Requirements
• Low Power Supply Current. . . . . . . . . . . . . . 150µA (Max) 90µA (Typ)
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . 86dB (Min) 106dB (Typ)
• Low Input Bias Current. . . . . . . . . . . . . . . . . . . 20nA (Min) 5nA (Typ)
• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . 10nA (Min) 2.5nA (Typ)
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . 1 x 104 RAD(Si)

Applications
• High Gain Amplifier
• Instrumentation Amplifiers
• Active Filters
• Telemetry Systems
• Battery-Powered Equipment




Similar Part No. - HS-2700RH

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS-2 CRYDOM-HS-2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Renesas Technology Corp
HS-201HSEH RENESAS-HS-201HSEH Datasheet
353Kb / 7P
Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
HS-201HSEH RENESAS-HS-201HSEH Datasheet
366Kb / 7P
Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
May 8, 2024
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
June 2000
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
239Kb / 4P
Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
March 24, 2006
More results


Similar Description - HS-2700RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
Radiation Hardened High Slew Rate Operational Amplifier
August 1999
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
Radiation Hardened Wideband, High Impedance Operational Amplifier
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 07
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 08
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
Radiation Hardened, Very Low Noise Quad Operational Amplifier
February 1998
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
ISL70419SEH INTERSIL-ISL70419SEH Datasheet
1Mb / 22P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
July 11, 2014
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com