Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-302RH-T Datasheet (PDF) - Intersil Corporation

HS-302RH-T Datasheet PDF - Intersil Corporation
Part # HS-302RH-T
Download  HS-302RH-T Download
File Size   26.41 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Dual DPST Analog Switch

HS-302RH-T Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-302RH-T Datasheet PDF - Intersil Corporation

Part # HS-302RH-T
Download  HS-302RH-T Click to download

File Size   26.41 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Dual DPST Analog Switch

HS-302RH-T Datasheet (HTML) - Intersil Corporation


HS-302RH-T Product details

Intersil’s Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD Total Dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability.

Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
    - Gamma Dose (γ) 1 x 105 RAD(Si)
• No Latch-Up, Dielectrically Isolated Device Islands
• Pin for Pin Compatible with Intersil HI-302 Series Analog Switches
• Analog Signal Range 15V
• Low Leakage . . . . . . . . . . . . . . . . 100nA (Max, Post Rad)
• Low RON . . . . . . . . . . . . . . . . . . . . . 60Ω (Max, Post Rad)
• Low Operating Power . . . . . . . . . . 100µA (Max, Post Rad)




Similar Part No. - HS-302RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-302RH INTERSIL-HS-302RH Datasheet
148Kb / 3P
Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS-302RH/883S INTERSIL-HS-302RH/883S Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-302RH883S INTERSIL-HS-302RH883S Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
More results


Similar Description - HS-302RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 1999
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
1999 07
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
Radiation Hardened CMOS Dual SPDT Analog Switch
November 2001
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
Radiation Hardened CMOS Dual SPDT Analog Switch
July 7, 2008
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com