Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-82C37ARH Datasheet (PDF) - Intersil Corporation

HS-82C37ARH Datasheet PDF - Intersil Corporation
Part # HS-82C37ARH
Download  HS-82C37ARH Download
File Size   195.65 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS High Performance Programmable DMA Controller

HS-82C37ARH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-82C37ARH Datasheet PDF - Intersil Corporation

Part # HS-82C37ARH
Download  HS-82C37ARH Click to download

File Size   195.65 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS High Performance Programmable DMA Controller

HS-82C37ARH Datasheet (HTML) - Intersil Corporation


HS-82C37ARH Product details

The Intersil HS-82C37ARH is an enhanced, radiation hardened CMOS version of the industry standard 8237A Direct Memory Access (DMA) controller, fabricated using the Intersil hardened field, self-aligned silicon gate CMOS process. The HS-82C37ARH offers increased functionality, improved performance, and dramatically reduced power consumption for the radiation environment. The high speed, radiation hardness, and industry standard configuration of the HS-82C37ARH make it compatible with radiation hardened microprocessors such as the HS-80C85RH and the HS-80C86RH.

Features
• Electrically Screened to SMD # 5962-95821
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Performance
    - Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
    - Transient Upset. . . . . . . . . . . . . . . . . . . . .>108 rad(Si)/s
    - Latch Up Free EPI-CMOS
• Low Power Consumption
    - IDDSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50µA (Max)
    - IDDOP . . . . . . . . . . . . . . . . . . . . . . . 4.0mA/MHz (Max)
• Pin Compatible with NMOS 8237A and the Intersil 82C37A
• High Speed Data Transfers Up To 2.5MBPS With 5MHz Clock
• Four Independent Maskable Channels with Autoinitialization Capability
• Expandable to Any Number of Channels
• Memory-to-Memory Transfer Capability
• CMOS Compatible
• Hardened Field, Self-Aligned, Junction Isolated CMOS Process
• Single 5V Supply
• Military Temperature Range . . . . . . . . . . . -55°C to 125°C




Similar Part No. - HS-82C37ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
More results


Similar Description - HS-82C37ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
Radiation Hardened CMOS Programmable Interval Timer
August 1995
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
Radiation Hardened CMOS Programmable Interval Timer
August 2000
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com