Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45116-DB Datasheet (PDF) - Intersil Corporation

HSP45116-DB Datasheet PDF - Intersil Corporation
Part # HSP45116-DB
Download  HSP45116-DB Download
File Size   570.38 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description HSP45116 Daughter Board

HSP45116-DB Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45116-DB Datasheet PDF - Intersil Corporation

Part # HSP45116-DB
Download  HSP45116-DB Click to download

File Size   570.38 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description HSP45116 Daughter Board

HSP45116-DB Datasheet (HTML) - Intersil Corporation


HSP45116-DB Product details

HSP45116 Daughter Board

The HSP45116-DB is a daughter board designed to mate with the HSP-EVAL for rapid evaluation and prototyping of the HSP45116 Numerically Controlled Oscillator Modulator. Together, the board set provides a mechanism to evaluate HSP45116 operation using IBM PCTM based I/O and control. As shown in Figure 1, the HSP45116-DB maps the input, output, and control signals of the HSP45116 to three 50 pin headers. These headers mate with connectors on board the HSP-EVAL to interface the HSP45116’s various I/O and control signals with the HSP-EVAL’s data busses. This interface establishes a path for PCTM based I/O and control of the HSP45116-DB via the HSP-EVAL.

Features
• Designed for Use with HSP-EVAL
• Access to HSP45116s Input, Output, and Control Signals Through Three 50 Pin Headers
• HSP45116 Control Signal States May be Set Through Hardware Configuration or Software
• Two Separate Software Packages for Daughter Board I/O and Control
• High Speed I/O Supported

Applications
• PC Based Performance Analysis of HSP45116 When Used with HSP-EVAL




Similar Part No. - HSP45116-DB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45116 INTERSIL-HSP45116 Datasheet
268Kb / 16P
Numerically Controlled Oscillator/Modulator
July 2004
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
Numerically Controlled Oscillator/Modulator
Jul 2004
logo
Intersil Corporation
HSP45116/883 INTERSIL-HSP45116/883 Datasheet
157Kb / 6P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
Numerically Controlled Oscillator/Modulator
May 1999
More results


Similar Description - HSP45116-DB

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4541 PMC-PM4541 Datasheet
520Kb / 46P
T1XC EVALUATION DAUGHTER BOARD
logo
AAEON Technology
PER-U01H AAEON-PER-U01H Datasheet
133Kb / 1P
High Definition Codec Audio Daughter Board
PCM-3532 AAEON-PCM-3532 Datasheet
117Kb / 1P
Daughter Board for Gene Series
BIO-ST01-M1U1 AAEON-BIO-ST01-M1U1 Datasheet
144Kb / 1P
support pico-bt01 bio daughter board
logo
Melexis Microelectronic...
PTC04-DB-HALL05 MELEXIS-PTC04-DB-HALL05 Datasheet
243Kb / 8P
PTC04 Daughter Board for MLX91209
PTC04-DB-90316 MELEXIS-PTC04-DB-90316 Datasheet
313Kb / 9P
Daughter Board for Melexis PTC devices
PTC04-DB-HALL02 MELEXIS-PTC04-DB-HALL02 Datasheet
370Kb / 8P
Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06 Datasheet
1Mb / 14P
Daughter Board for Melexis PTC devices
logo
Microchip Technology
KSZ8863 MICROCHIP-KSZ8863 Datasheet
477Kb / 10P
KSZ8863 Daughter Board Information Sheet
2019
logo
Melexis Microelectronic...
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06_V01 Datasheet
1Mb / 23P
Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com