Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45102SC-40 Datasheet (PDF) - Intersil Corporation

HSP45102SC-40 Datasheet PDF - Intersil Corporation
Part # HSP45102SC-40
Download  HSP45102SC-40 Download
File Size   48.04 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit Numerically Controlled Oscillator

HSP45102SC-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45102SC-40 Datasheet PDF - Intersil Corporation

Part # HSP45102SC-40
Download  HSP45102SC-40 Click to download

File Size   48.04 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit Numerically Controlled Oscillator

HSP45102SC-40 Datasheet (HTML) - Intersil Corporation


HSP45102SC-40 Product details

The Intersil HSP45102 is Numerically Controlled Oscillator (NCO12) with 32-bit frequency resolution and 12-bit output. With over 69dB of spurious free dynamic range and worst case frequency resolution of 0.009Hz, the NCO12 provides significant accuracy for frequency synthesis solutions at a competitive price.

Features
• 33MHz, 40MHz Versions
• 32-Bit Frequency Control
• BFSK, QPSK Modulation
• Serial Frequency Load
• 12-Bit Sine Output
• Offset Binary Output Format
• 0.009Hz Tuning Resolution at 40MHz
• Spurious Frequency Components <-69dBc
• Fully Static CMOS
• Low Cost
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Direct Digital Synthesis
• Modulation
• PSK Communications
• Related Products
   - HI5731 12-Bit, 100MHz D/A Converter




Similar Part No. - HSP45102SC-40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102SC-40 INTERSIL-HSP45102SC-40 Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45102SC-40 INTERSIL-HSP45102SC-40 Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
logo
Renesas Technology Corp
HSP45102SC-40 RENESAS-HSP45102SC-40 Datasheet
435Kb / 9P
12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45102SC-40Z INTERSIL-HSP45102SC-40Z Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45102SC-40Z INTERSIL-HSP45102SC-40Z Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
More results


Similar Description - HSP45102SC-40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
16-Bit Numerically Controlled Oscillator
October 1999
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
Numerically Controlled Oscillator/Modulator
July 2004
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
16-Bit Numerically Controlled Oscillator
July 2004
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
Numerically Controlled Oscillator/Modulator
May 7, 2007
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
12-Bit Numerically Controlled Oscillator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com