Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50214A Datasheet (PDF) - Intersil Corporation

HSP50214A Datasheet PDF - Intersil Corporation
Part # HSP50214A
Download  HSP50214A Download
File Size   467.7 Kbytes
Page   60 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Downconverter

HSP50214A Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50214A Datasheet PDF - Intersil Corporation

Part # HSP50214A
Download  HSP50214A Click to download

File Size   467.7 Kbytes
Page   60 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Programmable Downconverter

HSP50214A Datasheet (HTML) - Intersil Corporation


HSP50214A Product details

Description
The HSP50214A Programmable Downconverter converts digitized IF data into filtered baseband data which can be processed by a standard DSP microprocessor. The Programmable Downconverter (PDC) performs down conversion, decimation, narrowband low pass filtering, gain scaling, resampling, and Cartesian to Polar coordinate conversion.

Features
• Up to 65 MSPS Front-End Processing Rates (CLKIN) and 55 MSPS (41 MSPS Using the Discriminator) Back-End Processing Rates (PROCCLK) Clocks May Be Asynchronous
• Processing Capable of >100dB SFDR
• Up to 255-Tap Programmable FIR
• Overall Decimation Factor Ranging from 4 to 16384
• Output Samples Rates to ≅12.94 MSPS with Output Bandwidths to ≅ 982kHz Lowpass
• 32-Bit Programmable NCO for Channel Selection and Carrier Tracking
• Digital Resampling Filter for Symbol Tracking Loops and Incommensurate Sample-to-Output Clock Ratios
• Digital AGC with Programmable Limits and Slew Rate to Optimize Output Signal Resolution; Fixed or Auto Gain Adjust
• Serial, Parallel, and FIFO 16-Bit Output Modes
• Cartesian to Polar Converter and Frequency Discriminator for AFC Loops and Demodulation of AM, FM, FSK, and DPSK
• Input Level Detector for External I.F. AGC Support

Applications
• Single Channel Digital Software Radio Receivers
• Base Station Rx’s: AMPS, NA TDMA, GSM, and CDMA
• Compatible with HSP50210 Digital Costas Loop for PSK Reception
• Evaluation Platform Available




Similar Part No. - HSP50214A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214B INTERSIL-HSP50214B Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
More results


Similar Description - HSP50214A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com