Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7106 Datasheet (PDF) - Intersil Corporation

ICL7106 Datasheet PDF - Intersil Corporation
Part # ICL7106
Download  ICL7106 Download
File Size   534.33 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, LCD/LED Display, A/D Converters

ICL7106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7106 Datasheet PDF - Intersil Corporation

Part # ICL7106
Download  ICL7106 Click to download

File Size   534.33 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 1/2 Digit, LCD/LED Display, A/D Converters

ICL7106 Datasheet (HTML) - Intersil Corporation


ICL7106 Product details

The Intersil ICL7106 and ICL7107 are high performance, low power, 31/2 digit A/D converters. Included are seven segment decoders, display drivers, a reference, and a clock. The ICL7106 is designed to interface with a liquid crystal display (LCD) and includes a multiplexed backplane drive; the ICL7107 will directly drive an instrument size light emitting diode (LED) display.



Features

• Guaranteed Zero Reading for 0V Input on All Scales

• True Polarity at Zero for Precise Null Detection

• 1pA Typical Input Current

• True Differential Input and Reference, Direct Display Drive

   - LCD ICL7106, LED lCL7107

• Low Noise - Less Than 15µVP-P

• On Chip Clock and Reference

• Low Power Dissipation - Typically Less Than 10mW

• No Additional Active Circuits Required

• Enhanced Display Stability

• Pb-Free Plus Anneal Available (RoHS Compliant)



 




Similar Part No. - ICL7106

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
533Kb / 16P
3쩍 Digit, LCD/LED Display, A/D Converters
December 1, 2005
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
True Differential input and Reference, Direct Display
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICL7106 INTERSIL-ICL7106 Datasheet
6Mb / 180P
Data Acquisition
More results


Similar Description - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
July 21, 2005
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
November 2000
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Unisonic Technologies
M7240 UTC-M7240 Datasheet
211Kb / 7P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com