Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7217 Datasheet (PDF) - Intersil Corporation

ICM7217 Datasheet PDF - Intersil Corporation
Part # ICM7217
Download  ICM7217 Download
File Size   137.23 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Digit LED Display, Programmable Up/Down Counter

ICM7217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7217 Datasheet PDF - Intersil Corporation

Part # ICM7217
Download  ICM7217 Click to download

File Size   137.23 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Digit LED Display, Programmable Up/Down Counter

ICM7217 Datasheet (HTML) - Intersil Corporation


ICM7217 Product details

Description
The ICM7217 is a four digit, presettable up/down counter with an onboard presettable register continuously compared to the counter. The ICM7217 is intended for use in hard-wired applications where thumbwheel switches are used for loading data, and simple SPDT switches are used for chip control.
This circuit provides multiplexed 7 segment LED display outputs, with common anode or common cathode configurations available. Digit and segment drivers are provided to directly drive displays of up to 0.8 inch character height (common anode) at a 25% duty cycle. The frequency of the onboard multiplex oscillator may be controlled with a single capacitor, or the oscillator may be allowed to free run. Leading zeros can be blanked. The data appearing at the 7 segment and BCD outputs is latched; the content of the counter is transferred into the latches under external control by means of the Store pin.

Features
• Four Decade, Presettable Up-Down Counter with
   Parallel Zero Detect
• Settable Register with Contents Continuously
   Compared to Counter
• Directly Drives Multiplexed 7 Segment Common
   Anode or Common Cathode LED Displays
• On-Board Multiplex Scan Oscillator
• Schmitt Trigger On Count Input
• TTL Compatible BCD I/O Port, Carry/Borrow, Equal,
   and Zero Outputs
• Display Blank Control for Lower Power Operation;
   Quiescent Power Dissipation <5mW
• All Terminals Fully Protected Against Static Discharge
• Single 5V Supply Operation




Similar Part No. - ICM7217

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
475Kb / 20P
4-Digit LED Display, Programmable Up/Down Counter
July 2001
ICM7217 INTERSIL-ICM7217 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
4-Digit LED Display,Programmable Up/Down Counter
July 2001
logo
Maxim Integrated Produc...
ICM7217AIJI MAXIM-ICM7217AIJI Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
More results


Similar Description - ICM7217

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
Programmable 4-bit binary down counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
MM74C945 MAXIM-MM74C945 Datasheet
293Kb / 8P
4 Digit Up/Down Counter/Decoder/Driver
Rev 0; 1/93
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
7-Digit LED Display Counter
ICM7217 INTERSIL-ICM7217_01 Datasheet
475Kb / 20P
4-Digit LED Display, Programmable Up/Down Counter
July 2001
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
4-Digit LED Display,Programmable Up/Down Counter
July 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com