Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5140 Datasheet (PDF) - Intersil Corporation

IH5140 Datasheet PDF - Intersil Corporation
Part # IH5140
Download  IH5140 Download
File Size   129.26 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Level CMOS Analog Switches

IH5140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IH5140 Datasheet PDF - Intersil Corporation

Part # IH5140
Download  IH5140 Click to download

File Size   129.26 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Level CMOS Analog Switches

IH5140 Datasheet (HTML) - Intersil Corporation


IH5140 Product details

Description
The IH5140 Family of CMOS switches utilizes Harris’ latch free junction isolated processing to build the fastest switches currently available. These switches can be toggled at a rate of greater than 1MHz with fast tON times (80ns typical) and faster tOFF times (50ns typical), guaranteeing break before make switching. This family of switches combines the speed of the hybrid FET DG180 family with the reliability and low power consumption of a monolithic CMOS construction.
Very low quiescent power is dissipated in either the ON or the OFF state of the switch. Maximum power supply current is 10µA (at 25oC) from any supply and typical quiescent currents are in the 10nA which makes these devices ideal for portable equipment and military applications.
The IH5140 Family is completely compatible with TTL (5V) logic, TTL open collector logic and CMOS logic. It is pin compatible with Harris’ IH5040 family and part of the DG180/DG190 family as shown in the switching state diagrams.

Features
• Super Fast Break-Before-Make Switching
• SPST Switches (Typ)
   - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns
   - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
• Power Supply Currents . . . . . . . . . . . . . . . . . . . . <1µA
• OFF Leakages at 25°C(Typ). . . . . . . . . . . . . . . <100pA
• Non-Latching with Supply Turn-Off
• Single Monolithic CMOS Chip
• Plug-In Replacements for IH5040 Family and Part of
   the DG180 Family to Upgrade Speed and Leakage
• Toggle Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1MHz
• Switches Signals with ±15V Supplies. . . . . . . . . . . . >20VP-P
• TTL, CMOS Direct Compatibility
• Internal Diode in Series with V+ for Fault Protection




Similar Part No. - IH5140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5140 MAXIM-IH5140 Datasheet
164Kb / 4P
Low Power Fast CMOS Analog Switches
logo
Intersil Corporation
IH5140 INTERSIL-IH5140 Datasheet
4Mb / 122P
P-CHANNEL JFET
IH5140 INTERSIL-IH5140 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Maxim Integrated Produc...
IH5140C/D MAXIM-IH5140C/D Datasheet
164Kb / 4P
Low Power Fast CMOS Analog Switches
IH5140CJE MAXIM-IH5140CJE Datasheet
164Kb / 4P
Low Power Fast CMOS Analog Switches
More results


Similar Description - IH5140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
CMOS Analog Switches
22-Jan-01
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com