Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH6201 Datasheet (PDF) - Intersil Corporation

IH6201 Datasheet PDF - Intersil Corporation
Part # IH6201
Download  IH6201 Download
File Size   54.34 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual CMOS Driver/Voltage Translator

IH6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
IH6201 Datasheet PDF - Intersil Corporation

Part # IH6201
Download  IH6201 Click to download

File Size   54.34 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual CMOS Driver/Voltage Translator

IH6201 Datasheet (HTML) - Intersil Corporation


IH6201 Product details

Description
The IH6201 is a CMOS, Monolithic, Dual Voltage Translator; it takes low level TTL or CMOS logic signals and converts them to higher levels (i.e. to ±15V swings). This translator is typically used in making solid state switches, or analog gates.

Features
• Driven Direct from TTL or CMOS Logic
• Translates Logic Levels Up to 30V Levels
• Switches 20VACPP Signals When Used in Conjunction with the IH401A Varafet (As An Analog Gate)
• tON ≤ 300ns & tOFF ≤ 200ns for 30V Level Shifts
• Quiescent Supply Current ≤ 100µA for Any State (DC)
• Provides Both Normal & Inverted Outputs




Similar Part No. - IH6201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH6201 INTERSIL-IH6201 Datasheet
4Mb / 122P
P-CHANNEL JFET
IH6201 INTERSIL-IH6201 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
More results


Similar Description - IH6201

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
List of Unclassifed Man...
AZ100ELT23 ETC-AZ100ELT23 Datasheet
62Kb / 5P
Dual Differential PECL to CMOS/TTL Translator
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
Dual Voltage Level Translator
logo
Arizona Microtek, Inc
AZ100ELT23 AZM-AZ100ELT23 Datasheet
67Kb / 5P
Dual Differential PECL to CMOS/TTL Translator
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
Dual CMOS/TTL to Differential PECL Translator
AZ100ELT23 AZM-AZ100ELT23_12 Datasheet
409Kb / 6P
Dual Differential PECL to CMOS/TTL Translator
logo
Advanced Linear Devices
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
ON Semiconductor
NB3U23C ONSEMI-NB3U23C Datasheet
127Kb / 6P
1.2 V Dual Channel CMOS Buffer / Translator
December, 2013 ??Rev. 3
NB3U23C ONSEMI-NB3U23C_14 Datasheet
76Kb / 6P
1.2 V Dual Channel CMOS Buffer / Translator
April, 2014 ??Rev. 6
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com