Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF530N Datasheet (PDF) - Intersil Corporation

IRF530N Datasheet PDF - Intersil Corporation
Part # IRF530N
Download  IRF530N Download
File Size   125.62 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 22A, 100V, 0.064 Ohm, N-Channel Power MOSFET

IRF530N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF530N Datasheet PDF - Intersil Corporation

Part # IRF530N
Download  IRF530N Click to download

File Size   125.62 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 22A, 100V, 0.064 Ohm, N-Channel Power MOSFET

IRF530N Datasheet (HTML) - Intersil Corporation


IRF530N Product details

Features
• Ultra Low On-Resistance
   - rDS(ON) = 0.064Ω, VGS = 10V
• Simulation Models
   - Temperature Compensated PSPICE™ and SABER© Electrical Models
   - Spice and SABER© Thermal Impedance Models
   - www.intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve




Similar Part No. - IRF530N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF530N PHILIPS-IRF530N Datasheet
97Kb / 7P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
International Rectifier
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
logo
Inchange Semiconductor ...
IRF530N ISC-IRF530N Datasheet
286Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF530NL IRF-IRF530NL Datasheet
618Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRF530NL KERSEMI-IRF530NL Datasheet
1Mb / 10P
Ultra Low On-Resistance
More results


Similar Description - IRF530N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75939P3 FAIRCHILD-HUF75939P3 Datasheet
195Kb / 10P
22A, 200V, 0.125 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75623P3 FAIRCHILD-HUFA75623P3 Datasheet
199Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF75623P3 INTERSIL-HUF75623P3 Datasheet
99Kb / 9P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFET
1999 11
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
RFP22N10 INTERSIL-RFP22N10 Datasheet
49Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
FDMS3672 FAIRCHILD-FDMS3672 Datasheet
252Kb / 7P
N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com