Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5SMDJ12A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

5SMDJ12A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 5SMDJ12A
Download  5SMDJ12A Download
File Size   195.72 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5000W Peak Power Surface Mount TVS

5SMDJ12A Datasheet (PDF)

Go To PDF Page Download Datasheet
5SMDJ12A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ12A
Download  5SMDJ12A Click to download

File Size   195.72 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5000W Peak Power Surface Mount TVS

5SMDJ12A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - 5SMDJ12A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ12A SECOS-5SMDJ12A Datasheet
195Kb / 4P
11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
More results


Similar Description - 5SMDJ12A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
5000W Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
Voltage 5.0V ~ 250V 5000W Peak Power TVS
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
TVS Surface Mount ??5000W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com