Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF9220 Datasheet (PDF) - Intersil Corporation

IRFF9220 Datasheet PDF - Intersil Corporation
Part # IRFF9220
Download  IRFF9220 Download
File Size   327.78 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs

IRFF9220 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF9220 Datasheet PDF - Intersil Corporation

Part # IRFF9220
Download  IRFF9220 Click to download

File Size   327.78 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs

IRFF9220 Datasheet (HTML) - Intersil Corporation


IRFF9220 Product details

-2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs

These are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. They are P-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly develpomental type TA17502.

Features
• -2.5A, -200V
• rDS(ON) = 1.5Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRFF9220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
More results


Similar Description - IRFF9220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
July 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com