Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR110 Datasheet (PDF) - Intersil Corporation

IRFR110 Datasheet PDF - Intersil Corporation
Part # IRFR110
Download  IRFR110 Download
File Size   60.03 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.7A, 100V, 0.540 Ohm, N-Channel Power MOSFETs

IRFR110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR110 Datasheet PDF - Intersil Corporation

Part # IRFR110
Download  IRFR110 Click to download

File Size   60.03 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.7A, 100V, 0.540 Ohm, N-Channel Power MOSFETs

IRFR110 Datasheet (HTML) - Intersil Corporation


IRFR110 Product details

4.7A, 100V, 0.540 Ohm, N-Channel Power MOSFETs

These are N-Channel enhancement mode silicon gate power field effect transistors designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. These advanced power MOSFETs are designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high-power bipolar switching transistors requiring high speed and low gate-drive power. These transistors can be operated directly from integrated circuits.

Features
• 4.7A, 100V
• rDS(ON) = 0.540Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• 175°C Operating Temperature
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFR110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR110 VISHAY-IRFR110 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
Dynamic dV/dt Rating Repetitive Avalanche Rated
logo
Inchange Semiconductor ...
IRFR110 ISC-IRFR110 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR110 VISHAY-IRFR110 Datasheet
782Kb / 13P
Power MOSFET
17-May-2021
logo
Fairchild Semiconductor
IRFR110A FAIRCHILD-IRFR110A Datasheet
256Kb / 7P
Advanced Power MOSFET
More results


Similar Description - IRFR110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75623P3 FAIRCHILD-HUF75623P3 Datasheet
199Kb / 10P
22A, 100V, 0.064 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
RFP22N10 FAIRCHILD-RFP22N10 Datasheet
367Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
November 1999
IRFR120 INTERSIL-IRFR120 Datasheet
56Kb / 7P
8.4A, 100V, 0.270 Ohm, N-Channel Power MOSFETs
July 1999
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
July 1999
RFP22N10 INTERSIL-RFP22N10 Datasheet
49Kb / 6P
22A, 100V, 0.080 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com