| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
HWB3163-EVAL
|
127Kb / 6P |
PRISM II??11Mbps Wireless Local Area Network PC Card
November 1999 |
|
ISL36356A-APDK
|
150Kb / 7P |
PRISM 11Mbps Wireless Local Area Network Access Point
February 2003 |
|
ISL37106P-EVAL
|
50Kb / 1P |
PRISM 3 11Mbps Wireless Local Area Network PCMCIA
February 2003 |
|
ISL37200M-EVAL
|
479Kb / 1P |
PRISM 3 11 Mbps Wireless Local Area Network miniPCI
February 2003 |
|
ISL37300P-EVAL
|
119Kb / 6P |
PRISM 2.5 11Mbps Wireless Local Area Network PC Card
December 2001 |
|
ISL37400M-EVAL
|
563Kb / 6P |
PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
December 2001 |
|
ISL37704M-EVAL
|
65Kb / 1P |
PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
January 2003 |
|
ISL39300A-DAPDK
|
56Kb / 1P |
PRISM 54Mbps Wireless Local Area Network Access Point
August 2003 |
|
PRISM1BRDA
|
75Kb / 7P |
OEM Wireless Local Area Network PC Card
November 1998 |
|
WLANKITPR1-EVAL
|
66Kb / 6P |
Wireless Local Area Network PC Card
November 1998 |