Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6401 Datasheet (PDF) - Intersil Corporation

ISL6401 Datasheet PDF - Intersil Corporation
Part # ISL6401
Download  ISL6401 Download
File Size   330.59 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)

ISL6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6401 Datasheet PDF - Intersil Corporation

Part # ISL6401
Download  ISL6401 Click to download

File Size   330.59 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)

ISL6401 Datasheet (HTML) - Intersil Corporation


ISL6401 Product details

Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)

The ISL6401 adjustable frequency, low power, pulse width modulating (PWM) current mode controller is designed for a wide range of DC-DC conversion applications including boost, flyback, and isolated output configurations. The device is optimized to provide a high performance, low-cost solution for Ringing SLIC (RSLIC) ring and talk power supplies. An integrated inverter allows for easy design of negative voltage regulation circuits with a minimal amount of external components. Internal soft start minimizes start-up stress without any external components. Peak current mode control effectively handles Ring trip transients and provides inherent over-current protection.

Features
• Positive and Negative Output Regulation
• Starting Supply Current . . . . . . . . . . . . . . . . . 100µA (typ.)
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . 55µA (typ.)
• Output Frequency Range. . . . . . . . . . . . 50kHz to 600kHz
• External Clock Synchronization
• Fast Transient Response with Peak Current Mode Control
• Internal Soft-Start
• Drives N-Channel MOSFET
• Logic Level Shutdown
• Leading Edge Blanking
• 1% Tolerance Voltage Reference Over Line and Temperature

Applications
• VoIP/VoDSL Ringer and Off-Hook Voltage Generators
• Multi-Output Flyback Supplies
• Cable and DSL Modems
• Set-Top Boxes
• Wireless Local Loops
• LMDH and FTTH Supplies
• Boost Regulators
• Routers




Similar Part No. - ISL6401

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401 INTERSIL-ISL6401 Datasheet
332Kb / 11P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
ISL6401CBZ INTERSIL-ISL6401CBZ Datasheet
332Kb / 11P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Renesas Technology Corp
ISL6401CBZ RENESAS-ISL6401CBZ Datasheet
690Kb / 13P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results


Similar Description - ISL6401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Intersil Corporation
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com