Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6551 Datasheet (PDF) - Intersil Corporation

ISL6551 Datasheet PDF - Intersil Corporation
Part # ISL6551
Download  ISL6551 Download
File Size   619.42 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full Bridge PWM Controller

ISL6551 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6551 Datasheet PDF - Intersil Corporation

Part # ISL6551
Download  ISL6551 Click to download

File Size   619.42 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ZVS Full Bridge PWM Controller

ISL6551 Datasheet (HTML) - Intersil Corporation


ISL6551 Product details

ZVS Full Bridge PWM Controller

The ISL6551 is a zero voltage switching (ZVS) full-bridge PWM controller designed for isolated power systems. This part implements a unique control algorithm for fixedfrequency ZVS current mode control, yielding high efficiency with low EMI. The two lower drivers are PWM-controlled on the trailing edge and employ resonant delay while the two upper drivers are driven at a fixed 50% duty cycle.

Features
• High Speed PWM (up to 1MHz) for ZVS Full Bridge Control
• Current Mode Control Compatible
• High Current High-Side and Low-Side Totem-Pole Drivers
• Adjustable Resonant Delay for ZVS
• 10MHz Error Amplifier Bandwidth
• Programmable Soft-Start
• Precision Bandgap Reference
• Latching Shutdown Input
• Non-latching Enable Input
• Adjustable Leading Edge Blanking
• Adjustable Dead Time Control
• Adjustable Ramp for Slope Compensation
• Fast Short-Circuit Protection (Hiccup Mode)
• Adjustable Cycle-by-Cycle Peak Current Limiting
• Drive Signals to Implement Synchronous Rectification
• VDD Under-voltage Lockout
• Current Share Support
• ±5% “In Regulation” Indication
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
        No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Full-Bridge and Push-Pull Converters
• Power Supplies for Off-line and Telecom/Datacom
• Power Supplies for High End Microprocessors and Servers




Similar Part No. - ISL6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6551ABZ INTERSIL-ISL6551ABZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
logo
Renesas Technology Corp
ISL6551ABZ RENESAS-ISL6551ABZ Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
More results


Similar Description - ISL6551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6753 INTERSIL-ISL6753 Datasheet
465Kb / 15P
ZVS Full-Bridge PWM Controller
March 10, 2005
ISL6551 INTERSIL-ISL6551_06 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
ISL6753 INTERSIL-ISL6753_06 Datasheet
399Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
ISL6551IREC INTERSIL-ISL6551IREC Datasheet
506Kb / 23P
ZVS Full Bridge PWM Controller
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
ZVS Full Bridge PWM Controller
April 30, 2015
ISL6753AAZA INTERSIL-ISL6753AAZA Datasheet
393Kb / 15P
ZVS Full-Bridge PWM Controller
April 4, 2006
logo
Renesas Technology Corp
ISL6753 RENESAS-ISL6753 Datasheet
686Kb / 15P
ZVS Full-Bridge PWM Controller
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
ISL6551I RENESAS-ISL6551I Datasheet
1Mb / 24P
ZVS Full Bridge PWM Controller
Nov 17, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com