Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6560 Datasheet (PDF) - Intersil Corporation

ISL6560 Datasheet PDF - Intersil Corporation
Part # ISL6560
Download  ISL6560 Download
File Size   396.44 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller

ISL6560 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6560 Datasheet PDF - Intersil Corporation

Part # ISL6560
Download  ISL6560 Click to download

File Size   396.44 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller

ISL6560 Datasheet (HTML) - Intersil Corporation


ISL6560 Product details

Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller

The ISL6560 two-phase current mode, PWM control IC together with companion gate drivers, the HIP6601A,
HIP6602A, HIP6603A or HIP6604 and MOSFETs provides a precision voltage regulation system for advanced
microprocessors. Two-phase power conversion is a marked departure from earlier single phase converter configurations previously employed to satisfy the ever increasing current demands of modern microprocessors.

Features
• Two-phase power conversion
• Precision channel current sharing
• Precision CORE voltage regulation
- ±0.8% accuracy
• Microprocessor voltage identification input
- VRM 9.0 compliant
- 5-bit VID input
- 1.100 to 1.850V in 25mV steps
- Programmable “droop” voltage
• Fast transient recovery time
• Overcurrent protection
• High output ripple frequency. . . . . . . . . . . . . 100kHz to 2MHz
• Pb-Free Available (RoHS Compliant)

Applications
• VRM9.X modules
• AMD Athlon™ processor voltage regulator
• Low output voltage, high current DC/DC converters




Similar Part No. - ISL6560

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
792Kb / 13P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6560/62EVAL1 RENESAS-ISL6560/62EVAL1 Datasheet
427Kb / 6P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
logo
Intersil Corporation
ISL656062EVAL1 INTERSIL-ISL656062EVAL1 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
logo
Renesas Technology Corp
ISL6560CB RENESAS-ISL6560CB Datasheet
792Kb / 13P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
More results


Similar Description - ISL6560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6562 INTERSIL-ISL6562 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
ISL6560 RENESAS-ISL6560 Datasheet
792Kb / 13P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6562 RENESAS-ISL6562 Datasheet
427Kb / 6P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
Mar 23, 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com