Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6565A Datasheet (PDF) - Intersil Corporation

ISL6565A Datasheet PDF - Intersil Corporation
Part # ISL6565A
Download  ISL6565A Download
File Size   722.55 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application

ISL6565A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6565A Datasheet PDF - Intersil Corporation

Part # ISL6565A
Download  ISL6565A Click to download

File Size   722.55 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application

ISL6565A Datasheet (HTML) - Intersil Corporation


ISL6565A Product details

The ISL6565A, ISL6565B controls microprocessor core voltage regulation by driving up to 3 synchronous-rectified buck channels in parallel. Multi-phase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents.

Features
• Multi-Phase Power Conversion
   - 2 or 3 Phase Operation
• Precision Core Voltage Regulation
   - Differential Remote Voltage Sensing
   - ±0.5% System Accuracy Over Temperature and Life
   - Adjustable Reference-Voltage Offset
• Precision rDS(ON) or DCR Current Sensing
   - Integrated Programmable Temperature Compensation
   - Accurate Load-Line Programming
   - Accurate Channel-Current Balancing
   - Low-Cost, Lossless Current Sensing
• Input Voltage: 12V or 5V Bias
• Microprocessor Voltage Identification Input
   - Dynamic VID® Technology
   - 6-Bit VID Input
   - 0.8375V to 1.600V in 12.5mV Steps
• Threshold Enable Function for Precision Sequencing
• Overcurrent Protection
• Overvoltage Protection
• Digital Soft-Start
• Operation Frequency up to 1.5MHz per Phase
• QFN Package
   - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
   - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-free Available




Similar Part No. - ISL6565A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACB RENESAS-ISL6565ACB Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACBZ RENESAS-ISL6565ACBZ Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACR RENESAS-ISL6565ACR Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6565ACRZ RENESAS-ISL6565ACRZ Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
More results


Similar Description - ISL6565A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
May 12, 2005
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
December 27, 2004
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
August 31, 2005
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
December 12, 2006
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
May 5, 2008
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com