Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84051 Datasheet (PDF) - Intersil Corporation

ISL84051 Datasheet PDF - Intersil Corporation
Part # ISL84051
Download  ISL84051 Download
File Size   560.27 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches

ISL84051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84051 Datasheet PDF - Intersil Corporation

Part # ISL84051
Download  ISL84051 Click to download

File Size   560.27 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches

ISL84051 Datasheet (HTML) - Intersil Corporation


ISL84051 Product details

The Intersil ISL84051, ISL84052, ISL84053 devices are precision, bidirectional, analog switches configured as a 8-Channel multiplexer/demultiplexer (ISL84051), a dual differential 4-Channel multiplexer/demultiplexer (ISL84052) and a triple single pole/double throw (SPDT) switch (ISL84053) designed to operate from a single +2V to +12V supply or from a ±2V to ±6V supply. All devices have an inhibit pin to simultaneously open all signal paths.

Features
• Drop-in Replacements for MAX4051/MAX4051A, MAX4052/MAX4052A and MAX4053/MAX4053A
• Pin Compatible with MAX4581, MAX4582, MAX4583 and with Industry Standard 74HC4051, 74HC4052 and 74HC4053
• ON-Resistance (rON) Max, VS = ±5V. . . . . . . . . . . . 100Ω
• ON-Resistance (rON) Max, VS = +3V. . . . . . . . . . . . 525Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . . . . <6Ω
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . 10pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . . ±2V to ±6
• Fast Switching Action (VS = +5V)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60ns
• Guaranteed Max Off-leakage @ VS = ±5V. . . . . . . . . . 5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
• Pb-Free Available (RoHS Compliant)

Applications
• Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrastructure
    - ADSL, VDSL Modems
• Test Equipment
    - Medical Ultrasound
    - Magnetic Resonance Image
    - CT and PET Scanners (MRI)
    - ATE
    - Electrocardiograph
    • Audio and Video Signal Routing
• Various Circuits
    - +3V/+5V DACs and ADCs
    - Sample and Hold Circuits
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
441Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
March 15, 2007
ISL84051 INTERSIL-ISL84051 Datasheet
443Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL84051 INTERSIL-ISL84051 Datasheet
784Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
May 16, 2011
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Similar Description - ISL84051

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
March 15, 2007
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
May 16, 2011
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com