Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8490IB-T Datasheet (PDF) - Intersil Corporation

ISL8490IB-T Datasheet PDF - Intersil Corporation
Part # ISL8490IB-T
Download  ISL8490IB-T Download
File Size   507.83 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

ISL8490IB-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8490IB-T Datasheet PDF - Intersil Corporation

Part # ISL8490IB-T
Download  ISL8490IB-T Click to download

File Size   507.83 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

ISL8490IB-T Datasheet (HTML) - Intersil Corporation


ISL8490IB-T Product details

5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers



The Intersil RS-485/RS-422 devices are BiCMOS 5V powered, single transceivers that meet both the RS-485 and RS-422 standards for balanced communication. Unlike competitive devices, this Intersil family is specified for 10% tolerance supplies (4.5V to 5.5V).



Features

• Specified for 10% Tolerance Supplies

• Class 3 ESD Protection (HBM) on all Pins. . . . . . . . >7kV

• High Data Rates. . . . . . . . . . . . . . . . . . . . . .  up to 5Mbps

• Slew Rate Limited Versions for Error Free Data

  Transmission at 250kbps(ISL8483, ISL8488, ISL8489)

• Single Unit Load Allows up to 32 Devices on the Bus

• 1nA Low Current Shutdown Mode (ISL8483)

• Low Quiescent Current:

  -160µA (ISL8483, ISL8488, ISL8489)

  -500µA (ISL8485, ISL8490, ISL8491)

• -7V to +12V Common Mode Input Voltage Range

• Three State Rx and Tx Outputs (Except ISL8488, ISL8490)

• 30ns Propagation Delays, 5ns Skew (ISL8485, ISL8490, ISL8491)

• Full Duplex and Half Duplex Pinouts

• Operate from a Single +5V Supply (10% Tolerance)

• Current Limiting and Thermal Shutdown for driver Overload Protection

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Factory Automation

• Security Networks

• Building Environmental Control Systems

• Industrial/Process Control Networks

• Level Translators (e.g., RS-232 to RS-422)

• RS-232 “Extension Cords”




Similar Part No. - ISL8490IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8490IB-T INTERSIL-ISL8490IB-T Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
More results


Similar Description - ISL8490IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83483 INTERSIL-ISL83483 Datasheet
536Kb / 17P
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
ISL83483 INTERSIL-ISL83483_04 Datasheet
541Kb / 17P
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 2004
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL83485IBZ-T INTERSIL-ISL83485IBZ-T Datasheet
548Kb / 17P
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 2004
ISL83491IBZ-T INTERSIL-ISL83491IBZ-T Datasheet
548Kb / 17P
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 2004
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83483 RENESAS-ISL83483 Datasheet
888Kb / 17P
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com