Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANSR2N7397 Datasheet (PDF) - Intersil Corporation

JANSR2N7397 Datasheet PDF - Intersil Corporation
Part # JANSR2N7397
Download  JANSR2N7397 Download
File Size   44.99 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 250V, 0.610 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7397 Datasheet (PDF)

Go To PDF Page Download Datasheet
JANSR2N7397 Datasheet PDF - Intersil Corporation

Part # JANSR2N7397
Download  JANSR2N7397 Click to download

File Size   44.99 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4A, 250V, 0.610 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7397 Datasheet (HTML) - Intersil Corporation


JANSR2N7397 Product details

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 4A, 250V, rDS(ON) = 0.610Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 4.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - JANSR2N7397

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7390 IRF-JANSR2N7390 Datasheet
141Kb / 8P
RADIATION HARDENED POWER MOSFET
JANSR2N7391 IRF-JANSR2N7391 Datasheet
146Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
JANSR2N7394U IRF-JANSR2N7394U Datasheet
125Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
logo
Intersil Corporation
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Similar Description - JANSR2N7397

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF254D INTERSIL-FRF254D Datasheet
49Kb / 6P
17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS244D INTERSIL-FRS244D Datasheet
48Kb / 6P
9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSL234D INTERSIL-FSL234D Datasheet
46Kb / 8P
4A, 250V, 0.610 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7278 INTERSIL-JANSR2N7278 Datasheet
39Kb / 7P
4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7401 INTERSIL-JANSR2N7401 Datasheet
55Kb / 8P
6A, 250V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
August 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com