Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFL1N12 Datasheet (PDF) - Intersil Corporation

RFL1N12 Datasheet PDF - Intersil Corporation
Part # RFL1N12
Download  RFL1N12 Download
File Size   43.23 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs

RFL1N12 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFL1N12 Datasheet PDF - Intersil Corporation

Part # RFL1N12
Download  RFL1N12 Click to download

File Size   43.23 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs

RFL1N12 Datasheet (HTML) - Intersil Corporation


RFL1N12 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA09196.

Features
• 1A, 120V and 150V
• rDS(ON) = 1.9Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFL1N12

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFL1N12 NJSEMI-RFL1N12 Datasheet
138Kb / 2P
N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12L INTERSIL-RFL1N12L Datasheet
31Kb / 4P
1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
More results


Similar Description - RFL1N12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75829D3 FAIRCHILD-HUFA75829D3 Datasheet
192Kb / 10P
18A, 150V, 0.110 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
October 1997
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFL1N12L INTERSIL-RFL1N12L Datasheet
31Kb / 4P
1A, 120V and 150V, 1.900 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
January 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
September 1998
RFP10N15 INTERSIL-RFP10N15 Datasheet
40Kb / 5P
10A, 150V, 0.300 Ohm, N-Channel Power MOSFETs
March 1999
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com