Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP15N05L Datasheet (PDF) - Intersil Corporation

RFP15N05L Datasheet PDF - Intersil Corporation
Part # RFP15N05L
Download  RFP15N05L Download
File Size   40.6 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs

RFP15N05L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP15N05L Datasheet PDF - Intersil Corporation

Part # RFP15N05L
Download  RFP15N05L Click to download

File Size   40.6 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs

RFP15N05L Datasheet (HTML) - Intersil Corporation


RFP15N05L Product details

15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs



These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power.

These types can be operated directly from integrated circuits.

Formerly developmental type TA0522.



Features

• 15A, 50V and 60V

• rDS(ON)= 0.140Ω

• Design Optimized for 5V Gate Drives

• Can be Driven from QMOS, NMOS, TTL Circuits

• Compatible with Automotive Drive Requirements

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
List of Unclassifed Man...
RFP15N05L ETC-RFP15N05L Datasheet
227Kb / 4P
POWER LOGIC LEVEL MOSFETS
logo
New Jersey Semi-Conduct...
RFP15N05L NJSEMI-RFP15N05L Datasheet
95Kb / 2P
Power Logic Level MOSFETs
RFP15N05L NJSEMI-RFP15N05L Datasheet
151Kb / 2P
Power Logic Level MOSFETs
logo
VBsemi Electronics Co.,...
RFP15N05L VBSEMI-RFP15N05L Datasheet
1Mb / 8P
N-Channel 60 V(D-S) MOSFET
More results


Similar Description - RFP15N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
April 1999
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
November 1999
RFD4N06L INTERSIL-RFD4N06L Datasheet
38Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
June 1999
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD4N06L FAIRCHILD-RFD4N06L Datasheet
351Kb / 5P
4A, 60V, 0.600 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com