Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG1540CC Datasheet (PDF) - Intersil Corporation

RHRG1540CC Datasheet PDF - Intersil Corporation
Part # RHRG1540CC
Download  RHRG1540CC Download
File Size   50.26 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V - 600V Hyperfast Dual Diodes

RHRG1540CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG1540CC Datasheet PDF - Intersil Corporation

Part # RHRG1540CC
Download  RHRG1540CC Click to download

File Size   50.26 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 400V - 600V Hyperfast Dual Diodes

RHRG1540CC Datasheet (HTML) - Intersil Corporation


RHRG1540CC Product details

The RHRG1540CC and RHRG1560CC are hyperfast dual diodes with soft recovery characteristics (trr < 35ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Hyperfast with Soft Recovery. . . . . . . . . . . . . . . . . .< 35ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
15A, 400V - 600V Hyperfast Dual Diodes
logo
Inchange Semiconductor ...
RHRG1540CC ISC-RHRG1540CC Datasheet
308Kb / 2P
Hyperfast Recovery Diode
logo
ON Semiconductor
RHRG1540CC ONSEMI-RHRG1540CC Datasheet
309Kb / 6P
Hyperfast Dual Diode 30 A, 400 V - 600 V
February, 2020 - Rev. 2
More results


Similar Description - RHRG1540CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
15A, 400V - 600V Hyperfast Dual Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
30A, 400V - 600V Hyperfast Dual Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
15A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
4A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
30A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
6A, 400V - 600V Hyperfast Dual Diodes
January 1998
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com