Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURD840 Datasheet (PDF) - Intersil Corporation

RURD840 Datasheet PDF - Intersil Corporation
Part # RURD840
Download  RURD840 Download
File Size   49.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Diodes

RURD840 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURD840 Datasheet PDF - Intersil Corporation

Part # RURD840
Download  RURD840 Click to download

File Size   49.92 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Ultrafast Diodes

RURD840 Datasheet (HTML) - Intersil Corporation


RURD840 Product details

The RURD840, RURD860, RURD840S and RURD860S are ultrafast dual diodes with soft recovery characteristics (trr < 60ns). They have low forward voltage drop and are silicon nitride passivated ion-implanted epitaxial planar construction.

These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Formerly developmental type TA09616.



Features

• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <60ns

• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C

• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . . .600V

• Avalanche Energy Rated

• Planar Construction



Applications

• Switching Power Supplies

• Power Switching Circuits

• General Purpose



 




Similar Part No. - RURD840

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RURD410 HARRIS-RURD410 Datasheet
42Kb / 4P
4A, 100V - 200V Ultrafast Diodes
RURD410S HARRIS-RURD410S Datasheet
42Kb / 4P
4A, 100V - 200V Ultrafast Diodes
logo
Intersil Corporation
RURD4120 INTERSIL-RURD4120 Datasheet
47Kb / 4P
4A, 1200V Ultrafast Diodes
January 2000
logo
Fairchild Semiconductor
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
4A, 1200V Ultrafast Diodes
logo
Inchange Semiconductor ...
RURD4120 ISC-RURD4120 Datasheet
567Kb / 2P
Ultrafast Recovery Diode
More results


Similar Description - RURD840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
15A, 400V - 600V Ultrafast Diodes
January 2000
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
January 2000
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Diodes
January 2000
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
30A, 400V - 600V Ultrafast Dual Diodes
January 2000
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Dual Diodes
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com