Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RURG3060 Datasheet (PDF) - Intersil Corporation

RURG3060 Datasheet PDF - Intersil Corporation
Part # RURG3060
Download  RURG3060 Download
File Size   39.17 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 600V Ultrafast Diode

RURG3060 Datasheet (PDF)

Go To PDF Page Download Datasheet
RURG3060 Datasheet PDF - Intersil Corporation

Part # RURG3060
Download  RURG3060 Click to download

File Size   39.17 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 600V Ultrafast Diode

RURG3060 Datasheet (HTML) - Intersil Corporation


RURG3060 Product details

The RURG3060 is an ultrafast diode with soft recovery characteristics (trr < 55ns). It has low forward voltage drop and is silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and ultrafast recovery with soft recovery characteristic minimizes ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Ultrafast with Soft Recovery. . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
30A, 600V Ultrafast Diode
RURG3060 FAIRCHILD-RURG3060 Datasheet
276Kb / 6P
30A, 600V Ultrafast Rectifier
logo
Thinki Semiconductor Co...
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Won-Top Electronics
RURG3060 WTE-RURG3060 Datasheet
155Kb / 4P
30A GLASS PASSIVATED SUPERFAST RECTIFIER
July, 2019
logo
Inchange Semiconductor ...
RURG3060 ISC-RURG3060 Datasheet
331Kb / 2P
Fast Recovery Rectifier Diode
More results


Similar Description - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
30A, 600V Ultrafast Diode
RURP3020 FAIRCHILD-RURP3020 Datasheet
340Kb / 4P
30A, 200V Ultrafast Diode
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURG30120 INTERSIL-RURG30120 Datasheet
31Kb / 3P
30A, 1200V Ultrafast Diode
January 2000
RURP3020 INTERSIL-RURP3020 Datasheet
33Kb / 3P
30A, 200V Ultrafast Diode
January 2000
RURP3060 INTERSIL-RURP3060 Datasheet
39Kb / 3P
30A, 600V Ultrafast Diode
January 2000
logo
Fairchild Semiconductor
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
30A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
600V, 30A ULTRAFAST RECTIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com