Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURA160 Datasheet (PDF) - SUNMATE electronic Co., LTD

MURA160 Datasheet PDF - SUNMATE electronic Co., LTD
Part # MURA160
Download  MURA160 Download
File Size   109.29 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Surface Mount High Efficient Rectifier

MURA160 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURA160 Datasheet PDF - SUNMATE electronic Co., LTD

Part # MURA160
Download  MURA160 Click to download

File Size   109.29 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Surface Mount High Efficient Rectifier

MURA160 Datasheet (HTML) - SUNMATE electronic Co., LTD


MURA160 Product details

Features
• Small Compact Surface Mountable Package
• HighTemperature Glass Passivated Junction
• Low forward voltage drop
• Ultra fast recovery time
• Pb / RoHS Free




Similar Part No. - MURA160

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MURA160 EIC-MURA160 Datasheet
43Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
ON Semiconductor
MURA160 ONSEMI-MURA160 Datasheet
56Kb / 5P
Surface Mount Ultrafast Power Rectifier
October, 2016 ??Rev. 7
logo
Won-Top Electronics
MURA160 WTE-MURA160 Datasheet
51Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
September, 2012
logo
ON Semiconductor
MURA160 ONSEMI-MURA160 Datasheet
183Kb / 6P
Power Rectifier, Ultra-Fast Recovery, 1 A, 600 V
August, 2023 - Rev. 10
logo
Shanghai Shunye Electro...
MURA160 SHUNYE-MURA160 Datasheet
498Kb / 3P
ULTRAFAST AVALANCHE RECTIFIERS
V2.22
More results


Similar Description - MURA160

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
S1A TAITRON-S1A Datasheet
187Kb / 5P
1.0A Surface Mount Rectifier
logo
SEMTECH ELECTRONICS LTD...
SE1A SEMTECH_ELEC-SE1A Datasheet
197Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIER
logo
SUNMATE electronic Co.,...
ER1A SUNMATE-ER1A Datasheet
277Kb / 2P
1.0A Surface Mount Rectifier
MURA130 SUNMATE-MURA130 Datasheet
145Kb / 2P
1.0A Surface Mount High Efficient Rectifier
RS1A SUNMATE-RS1A Datasheet
126Kb / 2P
1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
S1A ZSELEC-S1A Datasheet
189Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
HS1A ZSELEC-HS1A Datasheet
134Kb / 2P
1.0A SURFACE MOUNT HIGH EFFICIENT DIODE
BYG50A ZSELEC-BYG50A Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
GF1A ZSELEC-GF1A Datasheet
111Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
MRA4001T3 ZSELEC-MRA4001T3 Datasheet
145Kb / 2P
1.0A SURFACE MOUNT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com