Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z2V4 Datasheet (PDF) - SUNMATE electronic Co., LTD

MM3Z2V4 Datasheet PDF - SUNMATE electronic Co., LTD
Part # MM3Z2V4
Download  MM3Z2V4 Download
File Size   1210.36 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mW Surface Mount Zener Diodes

MM3Z2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z2V4 Datasheet PDF - SUNMATE electronic Co., LTD

Part # MM3Z2V4
Download  MM3Z2V4 Click to download

File Size   1210.36 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 200mW Surface Mount Zener Diodes

MM3Z2V4 Datasheet (HTML) - SUNMATE electronic Co., LTD


MM3Z2V4 Product details

Features
• Total power dissipation : max. 200 mW
• Small plastic package suitable for
• surface mounted design
• Tolerance approximately ± 5%




Similar Part No. - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MM3Z2V4 WEITRON-MM3Z2V4 Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
Diotec Semiconductor
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
95Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z2V4 SECOS-MM3Z2V4 Datasheet
198Kb / 3P
Surface Mount Zener Diode
More results


Similar Description - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
MTSZ52XXBWS SECOS-MTSZ52XXBWS Datasheet
256Kb / 4P
200mW , SOD-323L Surface Mount Zener Diodes
MTSZ52XXCWS SECOS-MTSZ52XXCWS Datasheet
559Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4 Datasheet
287Kb / 2P
200mW Surface Mount Zener Diodes
logo
Leshan Radio Company
LSTZ5.6NLT1G LRC-LSTZ5.6NLT1G Datasheet
305Kb / 3P
200mW SURFACE MOUNT ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com