Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9Z24NS Datasheet (PDF) - International Rectifier

IRF9Z24NS Datasheet PDF - International Rectifier
Part # IRF9Z24NS
Download  IRF9Z24NS Download
File Size   168.45 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)

IRF9Z24NS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9Z24NS Datasheet PDF - International Rectifier

Part # IRF9Z24NS
Download  IRF9Z24NS Click to download

File Size   168.45 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)

IRF9Z24NS Datasheet (HTML) - International Rectifier


IRF9Z24NS Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF9Z24NL) is available for low-profile applications.

● Advanced Process Technology
● Surface Mount (IRF9Z24NS)
● Low-profile through-hole (IRF9Z24NL)
● 175°C Operating Temperature
● P-Channel
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRF9Z24NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24NS IRF-IRF9Z24NS Datasheet
179Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF9Z24NS KERSEMI-IRF9Z24NS Datasheet
1Mb / 10P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRF9Z24NS VBSEMI-IRF9Z24NS Datasheet
931Kb / 7P
P-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRF9Z24NSPBF IRF-IRF9Z24NSPBF Datasheet
394Kb / 11P
HEXFET Power MOSFET
IRF9Z24NSPBF IRF-IRF9Z24NSPBF Datasheet
395Kb / 11P
Advanced Process Technology
More results


Similar Description - IRF9Z24NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com