Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBF30 Datasheet (PDF) - International Rectifier

IRFBF30 Datasheet PDF - International Rectifier
Part # IRFBF30
Download  IRFBF30 Download
File Size   166.46 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)

IRFBF30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBF30 Datasheet PDF - International Rectifier

Part # IRFBF30
Download  IRFBF30 Click to download

File Size   166.46 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)

IRFBF30 Datasheet (HTML) - International Rectifier


IRFBF30 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRFBF30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBF30 VISHAY-IRFBF30 Datasheet
1,010Kb / 8P
Power MOSFET
23-Jun-08
IRFBF30 VISHAY-IRFBF30 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFBF30 VISHAY-IRFBF30 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRFBF30 ISC-IRFBF30 Datasheet
329Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBF30 VISHAY-IRFBF30 Datasheet
260Kb / 9P
Power MOSFET
30-Aug-2021
More results


Similar Description - IRFBF30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com