Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI1310N Datasheet (PDF) - International Rectifier

IRFI1310N Datasheet PDF - International Rectifier
Part # IRFI1310N
Download  IRFI1310N Download
File Size   104.61 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=24A)

IRFI1310N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI1310N Datasheet PDF - International Rectifier

Part # IRFI1310N
Download  IRFI1310N Click to download

File Size   104.61 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=24A)

IRFI1310N Datasheet (HTML) - International Rectifier


IRFI1310N Product details

Through-Hole Packags

TO-220 FullPak (Fully Isolated)




Similar Part No. - IRFI1310N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFI1310N ISC-IRFI1310N Datasheet
267Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFI1310NPBF IRF-IRFI1310NPBF Datasheet
242Kb / 9P
HEXFET짰 Power MOSFET
IRFI1310NPBF IRF-IRFI1310NPBF Datasheet
243Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI1310NPBF INFINEON-IRFI1310NPBF Datasheet
1Mb / 9P
HEXFET짰 Power MOSFET
2016-5-27
logo
International Rectifier
IRFI1310NPBF IRF-IRFI1310NPBF_15 Datasheet
243Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRFI1310N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRFB23N20D IRF-IRFB23N20D Datasheet
196Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.10ohm, Id=24A)
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com