Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI614G Datasheet (PDF) - International Rectifier

IRFI614G Datasheet PDF - International Rectifier
Part # IRFI614G
Download  IRFI614G Download
File Size   173.14 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)

IRFI614G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI614G Datasheet PDF - International Rectifier

Part # IRFI614G
Download  IRFI614G Click to download

File Size   173.14 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)

IRFI614G Datasheet (HTML) - International Rectifier


IRFI614G Product details

Through-Hole Packags

TO-220 FullPak (Fully Isolated)




Similar Part No. - IRFI614G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI614G VISHAY-IRFI614G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI614G VISHAY-IRFI614G Datasheet
282Kb / 10P
Power MOSFET
11-Oct-2021
logo
International Rectifier
IRFI614GPBF IRF-IRFI614GPBF Datasheet
292Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFI614GPBF VISHAY-IRFI614GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFI614GPBF VISHAY-IRFI614GPBF Datasheet
282Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRFI614G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com