Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXO2520P Datasheet (PDF) - TEMEX

RXO2520P Datasheet PDF - TEMEX
Part # RXO2520P
Download  RXO2520P Download
File Size   591.06 Kbytes
Page   7 Pages
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX
Description High Performance XO in 2.5 x 2.0 mm Surface Mount package

RXO2520P Datasheet (PDF)

Go To PDF Page Download Datasheet
RXO2520P Datasheet PDF - TEMEX

Part # RXO2520P
Download  RXO2520P Click to download

File Size   591.06 Kbytes
Page   7 Pages
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX
Description High Performance XO in 2.5 x 2.0 mm Surface Mount package

RXO2520P Datasheet (HTML) - TEMEX




Similar Part No. - RXO2520P

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
RXO2520P RAKON-RXO2520P Datasheet
211Kb / 1P
LOW JITTER XO
27 September 2023
More results


Similar Description - RXO2520P

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
Abracon Corporation
ASDK ABRACON-ASDK Datasheet
707Kb / 2P
2.5 x 2.0 x 0.95 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
ILSI America LLC
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I587 ILSI-I587 Datasheet
87Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
ISM95 ILSI-ISM95 Datasheet
126Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
logo
TEMEX
RVX1490M TEMEX-RVX1490M Datasheet
544Kb / 7P
High Performance Low Noise VCXO in 14 x 9 mm Surface Mount Package
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Xtaltq Technologies Co....
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com