Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I7511N Datasheet (PDF) - Taiwan Memory Technology

I7511N Datasheet PDF - Taiwan Memory Technology
Part # I7511N
Download  I7511N Download
File Size   21.23 Kbytes
Page   1 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier

I7511N Datasheet (PDF)

Go To PDF Page Download Datasheet
I7511N Datasheet PDF - Taiwan Memory Technology

Part # I7511N
Download  I7511N Click to download

File Size   21.23 Kbytes
Page   1 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1.25Gbps FTTX Laser Diode Driver/Limiting Amplifier

I7511N Datasheet (HTML) - Taiwan Memory Technology


I7511N Product details

General Description
The i7511N is an integrated burst-mode/continuous mode laser driver and continuous mode Limiting amplifier that operates at data rates from 155Mbps up to 1.25Gbps. The laser driver accepts either positive-referenced emitter coupled logic (PECL) or current-mode logic (CML) data inputs and provides bias and modulation current for the laser diode. The device can switch the laser diode from a completely dark (off) condition to a full (on) condition (with proper bias and modulation currents) in less than 3ns. The i7511N incorporates DC-coupling between laser driver and laser diode.

Features
● Integrate Laser diode driver and Limiting Amplifier
● Operation data rate 155Mbps and 1.25Gbps
● Programmable Modulation Current from 3mA to 80mA (DC-Coupled)
● Programmable modulation current with temperature compensation
● Programmable Bias Current from 1mA to 80mA
● Limiting Amplifier includes integrated DC offset cancellation circuit
● Polarity Control for limiting Amplifier Data path and Driver Disable input
● Programmable chatter-free signal level detector
● 4 mV input sensitivity (differential).

Applications
   APON and GEPON Upstream Transmitters
   Passive Optical Network (PON) Transmitters
   Fiber-to-the-Home(FTTH) and Fiber-to-the-Premises (FTTP)
   Broadband Access Systems




Similar Part No. - I7511N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I7520N TMT-I7520N Datasheet
20Kb / 1P
2.5Gbps Burst Mode Laser Driver & Post Amplifier
More results


Similar Description - I7511N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261 Datasheet
230Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
19-0323; Rev 4; 8/97
logo
Micrel Semiconductor
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY84782U MICREL-SY84782U Datasheet
300Kb / 9P
Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88149NDL MICREL-SY88149NDL_12 Datasheet
423Kb / 13P
1.25Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3261 MAXIM-MAX3261_V01 Datasheet
397Kb / 12P
Single 5V, Fully Integrated, 1.25Gbps Laser Diode Driver
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com