Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP561-F Datasheet (PDF) - TriQuint Semiconductor

AP561-F Datasheet PDF - TriQuint Semiconductor
Part # AP561-F
Download  AP561-F Download
File Size   1648.72 Kbytes
Page   17 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.7-2.9 GHz 8W HBT Power Amplifier

AP561-F Datasheet (PDF)

Go To PDF Page Download Datasheet
AP561-F Datasheet PDF - TriQuint Semiconductor

Part # AP561-F
Download  AP561-F Click to download

File Size   1648.72 Kbytes
Page   17 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.7-2.9 GHz 8W HBT Power Amplifier

AP561-F Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - AP561-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F Datasheet
1Mb / 15P
0.7-2.9 GHz WiMAX 8W Power Amplifier
More results


Similar Description - AP561-F

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC314 HITTITE-HMC314 Datasheet
245Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561 TRIQUINT-AP561_09 Datasheet
1Mb / 15P
0.7-2.9 GHz WiMAX 8W Power Amplifier
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_02 Datasheet
255Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com