Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3195 Datasheet (PDF) - KR Electronics, Inc.

3195 Datasheet PDF - KR Electronics, Inc.
Part # 3195
Download  3195 Download
File Size   56.4 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 30 MHz Lowpass Filter

3195 Datasheet (PDF)

Go To PDF Page Download Datasheet
3195 Datasheet PDF - KR Electronics, Inc.

Part # 3195
Download  3195 Click to download

File Size   56.4 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 30 MHz Lowpass Filter

3195 Datasheet (HTML) - KR Electronics, Inc.




Similar Part No. - 3195

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3195 ALLEGRO-3195 Datasheet
89Kb / 10P
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
3195 ALLEGRO-3195 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3195 ETC2-3195 Datasheet
68Kb / 1P
WASHERS
logo
Adafruit Industries
3195 ADAFRUIT-3195 Datasheet
81Kb / 2P
3195
logo
Keystone Electronics Co...
3195 KEYSTONE-3195 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3195

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-1 KR-3018-1 Datasheet
51Kb / 3P
30 MHz Lowpass
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3214-30 KR-3214-30 Datasheet
57Kb / 3P
30 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com