Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7019 Datasheet (PDF) - KEC(Korea Electronics)

KIA7019 Datasheet PDF - KEC(Korea Electronics)
Part # KIA7019
Download  KIA7019 Download

File Size   415.09 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)

KIA7019 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA7019 Datasheet PDF - KEC(Korea Electronics)

Part # KIA7019
Download  KIA7019 Click to download

File Size   415.09 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)

KIA7019 Datasheet (HTML) - KEC(Korea Electronics)

KIA7019 Datasheet HTML 1Page - KEC(Korea Electronics) KIA7019 Datasheet HTML 2Page - KEC(Korea Electronics) KIA7019 Datasheet HTML 3Page - KEC(Korea Electronics) KIA7019 Datasheet HTML 4Page - KEC(Korea Electronics)

KIA7019 Product details

Function of this IC is accurately resetting the system after detecting voltage at the time of switching power on and instantaneous power off in various CPU systems and other logic systems.



FEATURES

Current Consumption is Low. ICCL=300A Typ. ICCH=30A Typ.

Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.

Hysteresis Voltage is Provided. 50mV Typ.

Reset Signal Generation Starting Voltages :

  KIA7019 1.9V Typ. KIA7033 3.3V Typ.

  KIA7021 2.1V Typ. KIA7034 3.4V Typ.

  KIA7023 2.3V Typ. KIA7035 3.5V Typ.

  KIA7025 2.5V Typ. KIA7036 3.6V Typ.

  KIA7027 2.7V Typ. KIA7039 3.9V Typ.

  KIA7029 2.9V Typ. KIA7042 4.2V Typ.

  KIA7031 3.1V Typ. KIA7045 4.5V Typ.

  KIA7032 3.2V Typ.

Taping Type is also Available.




Similar Part No. - KIA7019

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7019 KEC-KIA7019 Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA701945APAFAT KEC-KIA701945APAFAT Datasheet
671Kb / 4P
   SEMICONDUCTOR TECHNICAL DATA
KIA7019AF KEC-KIA7019AF Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7019AP KEC-KIA7019AP_15 Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7019AT KEC-KIA7019AT Datasheet
471Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA7019

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com