Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMZ1N Datasheet (PDF) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

UMZ1N Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Part # UMZ1N
Download  UMZ1N Download
File Size   131.29 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR

UMZ1N Datasheet (PDF)

Go To PDF Page Download Datasheet
UMZ1N Datasheet PDF - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # UMZ1N
Download  UMZ1N Click to download

File Size   131.29 Kbytes
Page   1 Pages
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD
Description Multi-Chip TRANSISTOR

UMZ1N Datasheet (HTML) - SHENZHEN YONGERJIA INDUSTRY CO.,LTD


UMZ1N Product details

FEATURES
    Power dissipation PCM: 150 mW (Tamb=25℃)
    Collector current ICM: 150/-150 mA
    Collector-base voltage V(BR)CBO: 60/-60 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - UMZ1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
General purpose transistor (dual transistors)
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
Silicon Epitaxial Planar
logo
Micro Commercial Compon...
UMZ1N MCC-UMZ1N Datasheet
493Kb / 5P
Dual Transistors
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N Datasheet
95Kb / 3P
GENERAL PURPOSE TRANSISTOR
logo
Jiangsu Changjiang Elec...
UMZ1N JIANGSU-UMZ1N Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNPNP)
More results


Similar Description - UMZ1N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN Datasheet
699Kb / 3P
Multi-Chip Transistor
BC847S SECOS-BC847S Datasheet
284Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com