Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7WZ240FK Datasheet (PDF) - KEC(Korea Electronics)

KIC7WZ240FK Datasheet PDF - KEC(Korea Electronics)
Part # KIC7WZ240FK
Download  KIC7WZ240FK Download
File Size   668.85 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)

KIC7WZ240FK Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7WZ240FK Datasheet PDF - KEC(Korea Electronics)

Part # KIC7WZ240FK
Download  KIC7WZ240FK Click to download

File Size   668.85 Kbytes
Page   4 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)

KIC7WZ240FK Datasheet (HTML) - KEC(Korea Electronics)


KIC7WZ240FK Product details

DUAL BUS BUFFER

FEATURES
• Super High Speed : tPD=2.3ns(Typ.) into 50pF at VCC=5V.
• High Output Driver : ± 24mA at VCC=3V.
• Power Down High Impedance inputs/outputs.
• Outputs are Overwltage Tolerant is 3-STATE mode.
• Wide Operating Voltage Range : VCC(opr)=1.65~5.5V.




Similar Part No. - KIC7WZ240FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
More results


Similar Description - KIC7WZ240FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com