Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC7WZ38FK Datasheet (PDF) - KEC(Korea Electronics)

KIC7WZ38FK Datasheet PDF - KEC(Korea Electronics)
Part # KIC7WZ38FK
Download  KIC7WZ38FK Download
File Size   40.55 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)

KIC7WZ38FK Datasheet (PDF)

Go To PDF Page Download Datasheet
KIC7WZ38FK Datasheet PDF - KEC(Korea Electronics)

Part # KIC7WZ38FK
Download  KIC7WZ38FK Click to download

File Size   40.55 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)

KIC7WZ38FK Datasheet (HTML) - KEC(Korea Electronics)


KIC7WZ38FK Product details

DUAL 2 INPUT NAND GATE (OPEN DRAIN)

FEATURES
• High output drive : 24mA(min.) @VCC=3V.
• Super high speed operation : tpZL 2.2ns(typ.) @VCC=5V, 50pF.
• Operation voltage range : VCC(opr)=1.65~5.5V.
• Latch-up performance : ±500mA or more
• ESD performance : ±200V or more (EIAJ)
                                  ±2000V or more (MIL)
• Power down protection is provided on all inputs and outputs.




Similar Part No. - KIC7WZ38FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
More results


Similar Description - KIC7WZ38FK

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S00FU KEC-KIC7S00FU Datasheet
265Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ00FU KEC-KIC7SZ00FU Datasheet
204Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7SZ38FU KEC-KIC7SZ38FU Datasheet
524Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7W00FK KEC-KIC7W00FK Datasheet
253Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
KIC7W08FK KEC-KIC7W08FK Datasheet
274Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT NAND GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
logo
Toshiba Semiconductor
TC74VHCT00AF TOSHIBA-TC74VHCT00AF Datasheet
242Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC QUAD 2-INPUT NAND GATE
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
TC7WH00FC TOSHIBA-TC7WH00FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com