Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6122 Datasheet (PDF) - NEC

UPD6122 Datasheet PDF - NEC
Part # UPD6122
Download  UPD6122 Download
File Size   170.49 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description REMOTE CONTROL TRANSMISSION CMOS IC

UPD6122 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD6122 Datasheet PDF - NEC

Part # UPD6122
Download  UPD6122 Click to download

File Size   170.49 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description REMOTE CONTROL TRANSMISSION CMOS IC

UPD6122 Datasheet (HTML) - NEC


UPD6122 Product details

REMOTE CONTROL TRANSMISSION CMOS IC



The µPD6121, 6122 are infrared remote control transmission ICs using the NEC transmission format that are ideally suited for TVs, VCRs, audio equipment, air conditioners, etc. By combining external diodes and resistors, a maximum of 65,536 custom codes can be specified. These ICs come in small packages, thus facilitating the design of light and compact remote control transmitters.

The NEC transmission format consists of leader codes, custom codes (16 bits), and data codes (16 bits). It can be used for various systems through decoding by a microcontroller.



FEATURES

Low-voltage operation: VDD = 2.0 to 3.3 V

Low current dissipation: 1 µA Max. (at standby)

Custom codes: 65,536 (set by external diodes and resistors)

Data codes:

   • µPD6121: 32 codes (single input), 3 codes (double input), expandable up to 64 codes through SEL pin

   • µPD6122: 64 codes (single input), 3 codes (double input), expandable up to 128 codes through SEL pin

µPD6121, 6122 are transmission code-compatible (NEC transmission format) with the µPD1913CNote, 1943GNote, 6102GNote, and 6120CNote.

Pin compatibility:

   • µPD6121G-001 is pin-compatible with the µPD1943G (However, capacitance of capacitor connected to

oscillator pin and other parameters vary)

   • µPD6122G-001 is pin-compatible with the µPD6102G (However, capacitance of capacitor connected to

oscillator pin and other parameters vary)

Standard products (Ver. I, Ver. II specifications)



 




Similar Part No. - UPD6122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6122G-001 RENESAS-UPD6122G-001 Datasheet
348Kb / 30P
MOS INTEGRATED CIRCUIT
1994
UPD6122G-001 RENESAS-UPD6122G-001 Datasheet
312Kb / 30P
MOS INTEGRATED CIRCUIT
1984
UPD6122G-002 RENESAS-UPD6122G-002 Datasheet
348Kb / 30P
MOS INTEGRATED CIRCUIT
1994
UPD6122G-002 RENESAS-UPD6122G-002 Datasheet
312Kb / 30P
MOS INTEGRATED CIRCUIT
1984
More results


Similar Description - UPD6122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Princeton Technology Co...
PT2607 PTC-PT2607 Datasheet
73Kb / 3P
Remote Control Encoder IC
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
logo
NEC
UPD6102G NEC-UPD6102G Datasheet
655Kb / 9P
MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
logo
Princeton Technology Co...
PT2264 PTC-PT2264 Datasheet
260Kb / 18P
Remote Control Encoder IC
logo
Toshiba Semiconductor
TC9243APG TOSHIBA-TC9243APG Datasheet
287Kb / 10P
Infrared Remote-Control Signal Transmission LSI
logo
Princeton Technology Co...
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
Remote Control Receiver IC
logo
Renesas Technology Corp
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
Sample Program (Remote Control Transmission/Reception)
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
Remote Control Decoder IC
April, 2006
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com