Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1268 Datasheet (PDF) - KEC(Korea Electronics)

KTA1268 Datasheet PDF - KEC(Korea Electronics)
Part # KTA1268
Download  KTA1268 Download
File Size   413.71 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER, HIGH VOLTAGE)

KTA1268 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1268 Datasheet PDF - KEC(Korea Electronics)

Part # KTA1268
Download  KTA1268 Click to download

File Size   413.71 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER, HIGH VOLTAGE)

KTA1268 Datasheet (HTML) - KEC(Korea Electronics)


KTA1268 Product details

LOW NOISE AMPLIFIER APPLICATION.
HIGH VOLTAGE APPLICATION.

FEATURES
• Low Noise.
   : NF=3dB(Typ.), Rg=100Ω, VCE=-6V, IC=-100μA, f=1kHz
   : NF=0.5dB(Typ.), Rg=1kΩ, VCE=-6V, IC=-100μA, f=1kHz.
• High DC Current Gain : hFE=200∼700.
• High Voltage : VCEO=-120V.
• Low Pulse Noise. Low 1/f Noise.
• Complementary to KTC3200.




Similar Part No. - KTA1268

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KTA1268 LUGUANG-KTA1268 Datasheet
61Kb / 1P
Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
KTA1268 TGS-KTA1268 Datasheet
90Kb / 1P
Low Noise Amplifier Application
logo
Foshan Blue Rocket Elec...
KTA1268 FOSHAN-KTA1268 Datasheet
733Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
KEC(Korea Electronics)
KTA1268 KEC-KTA1268_15 Datasheet
625Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTA1268

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC307 KEC-BC307 Datasheet
144Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
BC559 KEC-BC559 Datasheet
121Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE)
KTA1266L KEC-KTA1266L Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1267L KEC-KTA1267L Datasheet
308Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA1517 KEC-KTA1517 Datasheet
529Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTA2017 KEC-KTA2017 Datasheet
231Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911 KEC-KTC3911 Datasheet
568Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4077 KEC-KTC4077 Datasheet
240Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4666 KEC-KTC4666 Datasheet
323Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC261 MICRO-ELECTRONICS-BC261 Datasheet
94Kb / 2P
PNP HIGH GAIN LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com