Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2V64S20BTP-6 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M2V64S20BTP-6 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M2V64S20BTP-6
Download  M2V64S20BTP-6 Download
File Size   655.46 Kbytes
Page   52 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 64M bit Synchronous DRAM

M2V64S20BTP-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M2V64S20BTP-6 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M2V64S20BTP-6
Download  M2V64S20BTP-6 Click to download

File Size   655.46 Kbytes
Page   52 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 64M bit Synchronous DRAM

M2V64S20BTP-6 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M2V64S20BTP-6 Product details

DESCRIPTION
M2V64S20BTP is organized as 4-bank x4,194,304-word x 4-bit,and M2V64S30BTP is organized as 4-bank x 2097152-word x 8-bit ,and M2V64S40BTP is organized as 4-bank x 1048576-word x 16-bit Synchronous DRAM with LVTTL interface. All inputs and outputs are referenced to the rising edge of CLK. M2V64S20BTP,M2V64S30BTP,M2V64S40BTP achieves very high speed data rates up to 133MHz, and is suitable for main memory or graphic memory in computer systems.

FEATURES
- Single 3.3V ±0.3V power supply
- Max. Clock frequency -6 : 133MHz [PC133<3-3-3> ]
- Fully synchronous operation referenced to clock rising edge
- 4-bank operation controlled by BA0,BA1(Bank Address)
- /CAS latency- 2/3 (programmable)
- Burst length- 1/2/4/8/FP (programmable)
- Burst type- Sequential and interleave burst (programmable)
- Random column access
- Auto precharge / All bank precharge controlled by A10
- Auto and self refresh
- 4096 refresh cycles /64ms
- LVTTL Interface
- Package 400-mil, 54-pin Thin Small Outline (TSOP II) with 0.8mm lead pitch




Similar Part No. - M2V64S20BTP-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-10 MITSUBISHI-M2V64S20BTP-10 Datasheet
674Kb / 52P
64M bit Synchronous DRAM
M2V64S20BTP-10L MITSUBISHI-M2V64S20BTP-10L Datasheet
674Kb / 52P
64M bit Synchronous DRAM
M2V64S20BTP-7 MITSUBISHI-M2V64S20BTP-7 Datasheet
674Kb / 52P
64M bit Synchronous DRAM
M2V64S20BTP-7L MITSUBISHI-M2V64S20BTP-7L Datasheet
674Kb / 52P
64M bit Synchronous DRAM
M2V64S20BTP-8 MITSUBISHI-M2V64S20BTP-8 Datasheet
674Kb / 52P
64M bit Synchronous DRAM
More results


Similar Description - M2V64S20BTP-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V64S20BTP-7 MITSUBISHI-M2V64S20BTP-7 Datasheet
674Kb / 52P
64M bit Synchronous DRAM
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Mitsubishi Electric Sem...
M2V64S20DTP MITSUBISHI-M2V64S20DTP Datasheet
471Kb / 51P
64M Synchronous DRAM
M2V64S20DTP-6 MITSUBISHI-M2V64S20DTP-6 Datasheet
426Kb / 51P
64M Synchronous DRAM
logo
Etron Technology, Inc.
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
64M x 4 bit Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com