Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M07A571 Datasheet (PDF) - BetLux Electronics

BL-M07A571 Datasheet PDF - BetLux Electronics
Part # BL-M07A571
Download  BL-M07A571 Download
File Size   343.83 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 17.80mm (0.7) : u1.8 dot matrix LED display

BL-M07A571 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-M07A571 Datasheet PDF - BetLux Electronics

Part # BL-M07A571
Download  BL-M07A571 Click to download

File Size   343.83 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 17.80mm (0.7) : u1.8 dot matrix LED display

BL-M07A571 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-M07A571

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M07A571D BETLUX-BL-M07A571D Datasheet
79Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M07A571DUG BETLUX-BL-M07A571DUG Datasheet
73Kb / 3P
LED DOT MATRIX
REV NO: V.2
BL-M07A571E BETLUX-BL-M07A571E Datasheet
79Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M07A571EG BETLUX-BL-M07A571EG Datasheet
73Kb / 3P
LED DOT MATRIX
REV NO: V.2
BL-M07A571G BETLUX-BL-M07A571G Datasheet
79Kb / 4P
LED DOT MATRIX
REV NO: V.2
More results


Similar Description - BL-M07A571

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
logo
List of Unclassifed Man...
LTP-747R ETC1-LTP-747R Datasheet
85Kb / 1P
0.7 inch -5x7 LED DOT MATRIX
logo
China Semiconductor Cor...
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
0.7 Inch Dot-Matrix Display
logo
BRIGHT LED ELECTRONICS ...
BM-07257ND-AA BRIGHT-BM-07257ND-AA Datasheet
263Kb / 4P
17.70mm(0.7) matrix height 5횞7 dot matrix display
logo
Ningbo Foryard Optoelec...
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571CX-00 FORYARD-FYM-7571CX-00 Datasheet
431Kb / 5P
0.70 inch (17.80mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07A881 BETLUX-BL-M07A881 Datasheet
367Kb / 5P
20.20mm (0.7) :u1.9 dot matrix LED display
REV NO: V.2
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
17.80mm (0.7) :u1.8 dot matrix LED display
REV NO: V.2
BL-M15AFF1 BETLUX-BL-M15AFF1 Datasheet
453Kb / 5P
40.00mm (1.5) :u1.8 dot matrix LED display
REV NO: V.2
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com