Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703039 Datasheet (PDF) - NEC

UPD703039 Datasheet PDF - NEC
Part # UPD703039
Download  UPD703039 Download
File Size   292.06 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703039 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703039 Datasheet PDF - NEC

Part # UPD703039
Download  UPD703039 Click to download

File Size   292.06 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703039 Datasheet (HTML) - NEC


UPD703039 Product details

DESCRIPTION

The µPD703039, 703039Y, 703040, 703040Y, 703041, and 703041Y (collectively known as the V850/SV1) are products in the low-power series of V850 FamilyTM products, which are NEC’s single-chip microcontrollers for real time control.

The V850/SV1 employs the CPU core of the V850 Family, and has on-chip peripheral functions such as large capacity ROM/RAM, a multi-function timer/counter, serial interface, A/D converter, DMA controller, PWM, and a Vsync/Hsync separation circuit.

The V850/SV1 not only realizes the low power consumption necessary for applications such as camcorders, but also extremely high cost performance.



FEATURES

● Number of instructions: 74

● Minimum instruction execution time:

   62.5 ns (@ 16 MHz operation with main system clock)

   30.5 µs (@ 32.768 kHz operation with subsystem clock)

● General-purpose registers: 32 bits × 32 registers

● Instruction set (signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions, load/store instructions)

● Memory space:

   16 MB linear address space

   Memory block allocation function: 2 MB per block

• External bus: 16-bit multiplexed bus

• Internal memory:

   µPD703039, 703039Y

   (ROM: 256 KB, RAM: 8 KB)

   µPD703040, 703040Y

   (ROM: 256 KB, RAM: 16 KB)

   µPD703041, 703041Y

   (ROM: 192 KB, RAM: 8 KB)

● I/O lines Total: 151

● 10-bit resolution A/D converter: 16 channels

● Timer/counter

   24-bit: 2 channels, 16-bit: 2 channels

   8-bit: 8 channels

● Watch timer: 1 channel

● Watchdog timer: 1 channel

● DMA controller: 6 channels

● Interrupts and exceptions

   Non-maskable interrupt: 2 sources

   Maskable interrupt

   : µPD703039, 703040, 703041 (51 sources)

   : µPD703039Y, 703040Y, 703041Y (52 sources)

   Software exception: 32 sources

   Exception trap: 1 source

● Serial interface (SIO)

   Asynchronous serial interface (UART)

   Clocked serial interface (CSI)

   3-wire variable length serial interface (CSI4)

   I2C bus interface (I2C) (µPD703039Y, 703040Y, 703041Y)

● RTP: 8 bits × 2 channels or 4 bits × 4 channels



 




Similar Part No. - UPD703039

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703039 NEC-UPD703039 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703039 RENESAS-UPD703039 Datasheet
734Kb / 51P
MOS INTEGRATED CIRCUIT
2000
UPD703039F1-XXX-EN2 RENESAS-UPD703039F1-XXX-EN2 Datasheet
734Kb / 51P
MOS INTEGRATED CIRCUIT
2000
UPD703039F1-XXX-EN2-A RENESAS-UPD703039F1-XXX-EN2-A Datasheet
734Kb / 51P
MOS INTEGRATED CIRCUIT
2000
UPD703039GM-XXX-UEU RENESAS-UPD703039GM-XXX-UEU Datasheet
734Kb / 51P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD703039

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD70F3040 NEC-UPD70F3040 Datasheet
283Kb / 44P
V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com