Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTK211 Datasheet (PDF) - KEC(Korea Electronics)

KTK211 Datasheet PDF - KEC(Korea Electronics)
Part # KTK211
Download  KTK211 Download
File Size   401.34 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)

KTK211 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTK211 Datasheet PDF - KEC(Korea Electronics)

Part # KTK211
Download  KTK211 Click to download

File Size   401.34 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)

KTK211 Datasheet (HTML) - KEC(Korea Electronics)


KTK211 Product details

HIGH FREQUENCY APPLICATION.
VHF BAND AMPLIFIER APPLICATION.

FEATURES
• Low Noise Figure : NF=2.5dB(Typ.) (f=100MHz).
• High Forward Transfer Admittance. : |yfs| =9mS(Typ.)
• Extremely Low Reverse Transfer Capacitance. : Crss=0.1pF(Typ.)




Similar Part No. - KTK211

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
List of Unclassifed Man...
KTK-1 ETC2-KTK-1 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-1 COOPER-KTK-1 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK-1 EATON-KTK-1 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KTK-1-1/2 COOPER-KTK-1-1/2 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Similar Description - KTK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTK161 KEC-KTK161 Datasheet
80Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTK596 KEC-KTK596 Datasheet
41Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK596S KEC-KTK596S Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597 KEC-KTK597 Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597E KEC-KTK597E Datasheet
44Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597V KEC-KTK597V Datasheet
45Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com